PART |
Description |
Maker |
NB6L239 NB6L239MN NB6L239MNR2 |
2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 1/2/4/8, 2/4/8/16 Clock Divider From old datasheet system 2.5 V / 3.3V Any Differential Clock IN to Differential LVPECL OUT Dual Bank 1/2/4/8 and 2/4/8/16 Div 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ±1/2/4/8, ±2/4/8/16 Clock Divider 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ÷1/2/4/8, ÷2/4/8/16 Clock Divider
|
ONSEMI[ON Semiconductor]
|
AD8129 AD8130 AD8129ARM-REEL72 AD8130ARM-REEL72 AD |
Low-Cost 200MHz Differential Receiver Amplifier IC,DIFFERENTIAL AMPLIFIER,SINGLE,SOP,8PIN,PLASTIC From old datasheet system Low-Cost High-Speed Differential Receiver and Driver Low-Cost 270 MHz Differential Receiver Amplifiers 低成70 MHz的差分接收器放大 Low-Cost 270 MHz Differential Receiver Amplifiers SPECIALTY ANALOG CIRCUIT, PDSO8
|
AD[Analog Devices] adi Analog Devices, Inc.
|
LTC2410 |
24-Bit No Latency Delta SigmaADC with Differential Input and Differential Reference
|
Linear Technology
|
ICS9DB202 ICS9DB202CF ICS9DB202CFLF ICS9DB202CFLFT |
From old datasheet system Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
|
http:// ICST[Integrated Circuit Systems]
|
8741004BGI 8741004BGILFT ICS8741004BGI 8741004BGIL |
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS⑩ JITTER ATTENUATOR
|
Integrated Device Technology
|
NB3N121K |
Fanout Clock Driver, 3.3 V Differential in 1:21 Differential, with HCSL Outputs
|
ON Semiconductor
|
LTC2435CGN LTC2435IGN LTC2435-1CGN LTC2435-1IGN LT |
20-Bit No Latency Delta Sigma ADCs with Differential Input and Differential Reference 20-Bit No Latency ADCs with Differential Input and Differential Reference
|
LINER[Linear Technology]
|
MC10H106 MC100EL29DWR2 MC10H117 MC10H117FN MC100EP |
Triple 4-3-3-Input NOR Gate 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing 5V ECL 2-Input XOR/XNOR 4-Wide OR-AND/OR-ANDbar Gate 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL ÷2 Divider 5V ECL Differential Data and Clock D Flip-Flop
|
ON Semiconductor
|
MC100H646 MC100EP445FA MC100E156FNR2 MC100EPT22D M |
PECL/TTL-TTL 1:8 Distribution Chip 3.3V / 5VECL 8-Bit Serial/Parallel Converter 5V ECL 3-Bit 4:1 Mux-Latch 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V / 5V 2-Input Differential AND/NAND 3.3V / 5V ECL ÷2 Divider 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip 5V ECL Low Impedance Driver
|
ON Semiconductor
|
ICS8302AMIT ICS8545BGT ICS8545 ICS83023I ICS83023A |
Frequency Generator with 133MHz Differential CPU Clocks 频率发生器的CPU时钟33MHz差分 LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER DUAL, 1-TO-1 DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
|
Integrated Circuit Systems
|
ICS854S006I ICS854S006AGILF |
Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
|
Integrated Device Technolog...
|